PART |
Description |
Maker |
DC15-73LF |
Directional Coupler 1.42-1.66 GHz 1420 MHz - 1660 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX
|
Skyworks Solutions, Inc.
|
ZFDC-20-5-N ZFDC-20-5-S ZFDC-20-5 |
Directional Coupler 0.1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX
|
MINI[Mini-Circuits]
|
ZFDC-10-5 |
Directional Coupler 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX
|
Mini-Circuits
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
JDC-10-2 |
Directional Coupler 50Ω 5 to 750 MHz Directional Coupler 50惟 5 to 750 MHz Directional Coupler 50ヘ 5 to 750 MHz
|
Mini-Circuits
|
ADC-20-4-75R |
Directional Coupler 75楼? 40 to 1000 MHz Directional Coupler 75惟 40 to 1000 MHz Directional Coupler 75Ω 40 to 1000 MHz
|
Mini-Circuits
|
LRDC-10-1-75 |
Directional Coupler 75Ω 5 to 600 MHz Directional Coupler 75惟 5 to 600 MHz Directional Coupler 75ヘ 5 to 600 MHz
|
http:// Mini-Circuits
|
ADC-10-4 |
Directional Coupler 50楼? 5 to 1000 MHz Directional Coupler 50Ω 5 to 1000 MHz
|
Mini-Circuits
|
TCD-13-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits
|
LRDC-10-1-75J |
Directional Coupler 75Ω 5 to 600 MHz Directional Coupler 75ヘ 5 to 600 MHz
|
http:// Mini-Circuits
|